PART |
Description |
Maker |
L4949 L4949N L4949D |
MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
|
Motorola Inc Motorola, Inc
|
TC4949 TC4949VOA TC4949VPA |
Multifunction Very Low Dropout Voltage Regulator 多功能非常低压差稳压
|
TelCom Semiconductor, Inc.
|
L4949D L4949N L4949_D ON0288 L4949 |
From old datasheet system SILICON MONOLITHIC INTEGRATED CIRCUIT MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
|
ON Semiconductor
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
MIIC5271 MIIC5271BM5 MIIC5271-3.0BM5 MIIC5271-5.0B |
UCAP NEGATIVE LOW DROPOUT REGULATOR μCap Negative Low-Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. http://
|
AP131-20YL-13 AP131-20YL-7 AP131-18YL-13 AP131-18Y |
1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
|
Diodes, Inc. http:// Diodes Inc. DIODES[Diodes Incorporated]
|
LM2931AD2T-5.0 LM2931Z-5.0 LM2931T-5.0 LM2931D-5.0 |
LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSIP3 LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 24 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Motorola Inc Motorola, Inc. ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA INC
|
NCP4685EMU30TCG NCP4682DMU12TCG NCP4682DMU30TCG NC |
(NCP4682 / NCP4685) Low Dropout Regulator 150 mA, Ultra Low Supply Current, Low Dropout Regulator
|
ON Semiconductor
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
LT1185_06 LT1185 LT1185CQ LT1185CT LT1185IQ LT1185 |
Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 2.5 V-25 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.5 V-25 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSSO5
|
LINER[Linear Technology] Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|